Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MD54-0007 Datasheet(Fiches technique) 2 Page - Tyco Electronics

Numéro de pièce MD54-0007
Description  Low Cost MMIC Mixer, 2.1 - 2.7 GHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo 

   
 2 page
background image
Part Description
Specifications subject to change without notice.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
Low Cost MMIC Mixer, 2.1 – 2.7 GHz
MD54-0007
V 1.0
Electrical Specifications: TA = 25 °C, Z0 = 50
1,2
Parameter
Test Conditions
Units
Min
Typ
Max
RF Frequency
GHz
2.1
2.7
Conversion Loss
dB
8.0
9.0
Isolation
LO to RF
LO to IF
RF to IF
dB
dB
dB
15
25
18
18
VSWR
RF Port
LO Port
IF Port
2.0:1
2.0:1
2.0:1
P1dB
dBm
18
Two-Tone IMR
Two tones each at 0 dBm, tone spacing = 300 KHz,
IF = 150 MHz
dBc
45
50
1.
RF signal is 2428 MHz at 0 dBm, LO signal is 2278 MHz at +13 dBm and IF signal is 150 MHz unless otherwise specified.
2.
With external LO port matching. See application schematic.
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
Max RF Input Power
+27 dBm
Max LO Drive Level
+27 dBm
Operating Temperature
-40°C to +85°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
1. Exceeding any one or combination of these limits may cause permanent damage.
2. Ambient Temperature, +25
oC.
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MD57-0001Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz 1 2 3 4 Tyco Electronics
SSW-308DC-3 GHz Low Cost GaAs MMIC SPDT Switch 1 2 Stanford Microdevices
MA4EX370L-1225Low Cost Silicon Double Balanced HMIC Mixer 3.0 - 4.0 GHz 1 2 Tyco Electronics
MA4EX580L-1225Low Cost Silicon Double Balanced HMIC Mixer 4.7 - 6.0 GHz 1 2 Tyco Electronics
MD54-0005Low Cost MMIC Mixer 800 - 1000 MHz 1 2 3 4 Tyco Electronics
MD54-0006Low Cost MMIC Mixer 1400 MHz - 2100 MHz 1 2 3 4 Tyco Electronics
LMX5080PLLatinum™ 2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)
BAT15-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
CXG1014N1.5 GHz Low Noise Amplifier/Down Conversion Mixer 1 2 3 4 5 MoreSony Corporation
AM035N5-0032-37 GHz GaAs MMIC Ring Hybrid Mixer 1 2 Alpha Industries

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl