Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MD54-0007 Datasheet(Fiches technique) 1 Page - Tyco Electronics

Numéro de pièce MD54-0007
Description  Low Cost MMIC Mixer, 2.1 - 2.7 GHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo 

   
 1 page
background image
Specifications subject to change without notice.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
1
Visit www.macom.com for additional data sheets and product information.
Low Cost MMIC Mixer, 2.1 – 2.7 GHz
V 1.0
Features
• MMDS and WLAN Applications
• +18 dBm Input 1 dB Compression Point
• Greater than 20 dB LO to RF Isolation
• +13 dBm LO Drive Level
• No DC Bias Required
• Ultra-Miniature SOT-25 Plastic Package
Description
M/A-COM’s MD54-0007 is a passive mixer that
achieves the performance of a double balanced diode
mixer in an ultra-miniature SOT-25 package. The
MD54-0007 is ideally suited for use where high level
RF signals and very wide dynamic range are required.
Typical applications include frequency up/down
conversion,
modulation,
and
demodulation
in
receivers and transmitters for basestation and portable
systems.
The MD54-0007 employs GaAs FETs as mixing
elements to achieve a very wide dynamic range in a
low cost plastic package. The mixer operates with LO
drive levels of +13 dBm to +18 dBm. The LO port
may be externally tuned for operation in various
frequency bands.
M/A-COM's GaAs IC is fabricated using a mature 0.5
micron gate length GaAs MESFET process. The
process features full passivation for increased
performance and reliability.
Ordering Information
Part Number
Description
MD54-0007TR
7 inch, 1000 piece reel
MD54-0007TR-3000
13 inch, 3000 piece reel
MD54-0007SMB
Sample Test Board
Functional Schematic
1
23
4
5
RF
IF
LO
GND
GND
Pin Configuration
Pin
Function
Description
1
RF
RF Input Port
2
IF
IF Output Port
3
LO
LO Input Port
4
GND
Ground
5
GND
Ground




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MD57-0001Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz 1 2 3 4 Tyco Electronics
SSW-308DC-3 GHz Low Cost GaAs MMIC SPDT Switch 1 2 Stanford Microdevices
MA4EX370L-1225Low Cost Silicon Double Balanced HMIC Mixer 3.0 - 4.0 GHz 1 2 Tyco Electronics
MA4EX580L-1225Low Cost Silicon Double Balanced HMIC Mixer 4.7 - 6.0 GHz 1 2 Tyco Electronics
MD54-0005Low Cost MMIC Mixer 800 - 1000 MHz 1 2 3 4 Tyco Electronics
MD54-0006Low Cost MMIC Mixer 1400 MHz - 2100 MHz 1 2 3 4 Tyco Electronics
LMX5080PLLatinum™ 2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)
BAT15-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
CXG1014N1.5 GHz Low Noise Amplifier/Down Conversion Mixer 1 2 3 4 5 MoreSony Corporation
AM035N5-0032-37 GHz GaAs MMIC Ring Hybrid Mixer 1 2 Alpha Industries

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl