Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MD54-0006 Datasheet(Fiches technique) 2 Page - Tyco Electronics

Numéro de pièce MD54-0006
Description  Low Cost MMIC Mixer 1400 MHz - 2100 MHz
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo 

   
 2 page
background image
Low Cost MMIC Mixer
MD54-0006
V1.00
Specifications Subject to Change Without Notice.
2
M/A-COM Inc.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
RF Input Power
2
+27 dBm
LO Drive Power
2
+27 dBm
Storage Temperature
-40
°C to +85 °C
Operating Temperature
-65
°C to +150 °C
1. Exceeding any one or combination of these limits may
cause permanent damage.
2. Ambient Temperature (T
A) = + 25
°C
Pin Configuration
Pin No.
Pin Name
Description
1
RF Port
RF Input
2
IF Port
IF Output
3
LO Port
LO Input
4
GND
Ground
5
GND
Ground
Recommended PCB Configuration
Layout View
1
2
3
4
5
Functional Block Diagram
L1
R1
C1
LO
RF
IF
1
2
3
4
5
External Circuitry Parts List
LO Frequency
Part
1500 MHz
1710 MHz
2300 MHz
R1
470 ohms
470 ohms
820 ohms
L1
6.8 nH
4.7 nH
2.7 nH
C1
3.3 pF
2.2 pF
2.2 pF
1. The external LO matching network allows tuning from 1400 MHz
to 2300 MHz. The networks given above are intended to serve as
guidelines for matching in different bands.
2. All off-chip components are low-cost surface mount components
obtainable from multiple sources.
(0.060 in. x 0.030 in. or 0.080 in. x 0.050 in. )
Cross Section View
RF Traces + Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 5 0
lines and package pins. M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.2 mm) yielding a 5 0
Ω line
width of 0.015” (0.38 mm). The recommended metalization
thickness is 1 ounce copper.
L1
R1
C1




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MD54-0005Low Cost MMIC Mixer 800 - 1000 MHz 1 2 3 4 Tyco Electronics
MA4EX950L-1225Low Cost Silicon Double Balanced HMIC Mixer 700 - 1200 MHz 1 2 3 Tyco Electronics
CM-2Low Cost Miniature Double Balanced Mixer 10-1000 MHz 1 2 SIRENZA MICRODEVICES
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
MD57-0001Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz 1 2 3 4 Tyco Electronics
VLF-1400Low Pass Filter DC to 1400 MHz 1 Mini-Circuits
CH20-0033-17GLow Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz 1 2 Tyco Electronics
DS56-0001Low Cost Six-Way SMT Power Divider 824 - 960 MHz 1 2 Tyco Electronics
MD54-0004MMIC Medium Level Mixer 800 - 1000 MHz 1 2 Tyco Electronics
ZRL-1150LNLow Noise Amplifier 50Ω 500 to 1400 MHz 1 Mini-Circuits

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl