Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MD54-0005 Datasheet(Fiches technique) 4 Page - Tyco Electronics

Numéro de pièce MD54-0005
Description  Low Cost MMIC Mixer 800 - 1000 MHz
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo 

   
 4 page
background image
Low Cost MMIC Mixer, 800 - 1000 MHz
MD54-0005
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Designer’s Kit MD54-005SMB
The MD54-0005SMB Designer's Kit allows for immediate eval-
uation of M/A-COM's MD54-0005. The evaluation board con-
sists of an MD54-0005, recommended external surface mount
circuitry, and RF connectors, all mounted to a multi-layer FR-4
PCB. Other items included in the Designer's Kit are a floppy
disk (with typical performance data and a DXF file of the
recommended PCB layout) and any additional Application
Notes. The MD54-0005SMB evaluation PCB and block dia-
gram are illustrated below with all functional ports labeled.
Mixer PCB
SOT MIXER
AV10046
LO
IF
RF
Evaluation PCB & RF Connector Losses
Port Reference
Approximate RF Loss
RF Port
0.10 dB @ 900 MHz
LO Port
0.10 dB @ 900 MHz
IF Port
0.05 dB @ 60 MHz




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MD54-0006Low Cost MMIC Mixer 1400 MHz - 2100 MHz 1 2 3 4 Tyco Electronics
MD54-0004MMIC Medium Level Mixer 800 - 1000 MHz 1 2 Tyco Electronics
HMC376LP3GaAs PHEMT MMIC LOW NOISE AMPLIFIER 700 - 1000 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
MA4EX950L-1225Low Cost Silicon Double Balanced HMIC Mixer 700 - 1200 MHz 1 2 3 Tyco Electronics
HMC372LP3GaAs PHEMT MMIC LOW NOISE AMPLIFIER 700 - 1000 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
CM-2Low Cost Miniature Double Balanced Mixer 10-1000 MHz 1 2 SIRENZA MICRODEVICES
HMC373LP3GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE 700 - 1000 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
HMC399MS8HIGH IP3 GaAs MMIC MIXER 700 - 1000 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAAL-008091High Dynamic Range Low Noise Amplifier 800 - 1000 MHz 1 2 3 4 5 Tyco Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl