Moteur de recherche de fiches techniques de composants électroniques |
|
IRF1404ZPBF Fiches technique(PDF) 11 Page - International Rectifier |
|
IRF1404ZPBF Fiches technique(HTML) 11 Page - International Rectifier |
11 / 12 page IRF1404Z/S/LPbF www.irf.com 11 TO-262 Part Marking Information TO-262 Package Outline Dimensions are shown in millimeters (inches) LOGO RECTIFIER INT ERNATIONAL LOT CODE ASSEMBLY LOGO RECTIFIER INTERNATIONAL DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER A= ASSEMBLY SITE CODE OR PRODUCT (OPTIONAL) P = DESIGNATES LEAD-FREE EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 ASSEMBLY PART NUMBER DATE CODE WEEK 19 LINE C LOT CODE YEAR 7 = 1997 ASSEMBLED ON WW 19, 1997 IN T HE ASSEMBLY LINE "C" Notes: 1. For an Automotive Qualified version of this part please seehttp://www.irf.com/product-info/datasheets/data/auirf1404z.pdf 2. For the most current drawing please refer to IR website athttp://www.irf.com/package/ |
Numéro de pièce similaire - IRF1404ZPBF |
|
Description similaire - IRF1404ZPBF |