Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC0408FC05C Fiches technique(PDF) 7 Page - Protek Devices

No de pièce LC0408FC05C
Description  200w low capacitance fl ip chip tvs arr ay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC05C Fiches technique(HTML) 7 Page - Protek Devices

  LC0408FC05C Datasheet HTML 1Page - Protek Devices LC0408FC05C Datasheet HTML 2Page - Protek Devices LC0408FC05C Datasheet HTML 3Page - Protek Devices LC0408FC05C Datasheet HTML 4Page - Protek Devices LC0408FC05C Datasheet HTML 5Page - Protek Devices LC0408FC05C Datasheet HTML 6Page - Protek Devices LC0408FC05C Datasheet HTML 7Page - Protek Devices LC0408FC05C Datasheet HTML 8Page - Protek Devices LC0408FC05C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R9 9/12
Page 7
LC0408FC3.3C - LC0408FC36C
0408 PaCKaGe inFoRMation
C
G
H
A
D
E
DIE
SOLDER
BUMP
F
SOLDER PADS
SOLDER MASK
I
SOLDER PRINT
0.010” - 0.012” DIA.
COPPER CONTACT
0.009”[0.23] DIA.
G
H
I
A
F
DIE
SOLDER
BUMP
SOLDER PRINT
0.014” [0.36] DIA.
SOLDER MASK
oPtion 1 - Layout DiMensions
DiM
MiLLiMeteRs
inChes
noMinaL
noMinaL
A
0.51
0.020
C
0.30
0.012
D
0.46
0.018
E
0.20
0.008
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.
oPtion 2 - Layout DiMensions
DiM
MiLLiMeteRs
inChes
noMinaL
noMinaL
A
0.51
0.020
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.


Numéro de pièce similaire - LC0408FC05C

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
LC0408FC05C PROTEC-LC0408FC05C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC05C PROTEC-LC0408FC05C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC05C PROTEC-LC0408FC05C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results

Description similaire - LC0408FC05C

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
SLVU2.8-4LC PROTEC-SLVU2.8-4LC Datasheet
636Kb / 9P
   600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com