Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF540NPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF540NPBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF540NPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF540NPBF_15 Datasheet HTML 1Page - International Rectifier IRF540NPBF_15 Datasheet HTML 2Page - International Rectifier IRF540NPBF_15 Datasheet HTML 3Page - International Rectifier IRF540NPBF_15 Datasheet HTML 4Page - International Rectifier IRF540NPBF_15 Datasheet HTML 5Page - International Rectifier IRF540NPBF_15 Datasheet HTML 6Page - International Rectifier IRF540NPBF_15 Datasheet HTML 7Page - International Rectifier IRF540NPBF_15 Datasheet HTML 8Page - International Rectifier IRF540NPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF540NPbF
HEXFET® Power MOSFET
11/3/03
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.15
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 44mΩ
ID = 33A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated
Lead-Free
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
33
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
23
A
IDM
Pulsed Drain Current
110
PD @TC = 25°C
Power Dissipation
130
W
Linear Derating Factor
0.87
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current
16
A
EAR
Repetitive Avalanche Energy
13
mJ
dv/dt
Peak Diode Recovery dv/dt
7.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
PD - 94812


Numéro de pièce similaire - IRF540NPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF540NPBF IRF-IRF540NPBF Datasheet
149Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRF540NPBF VBSEMI-IRF540NPBF Datasheet
984Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

Description similaire - IRF540NPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com