Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA539 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA539
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA539 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA539 Datasheet HTML 1Page - KEC(Korea Electronics) KTA539 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 5
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA539
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
LOW FREQUENCY AMPLIFIER
FEATURES
Collector-Base Voltage : VCBO=-60V.
Complementary to KTC815.
MAXIMUM RATING (Ta=25 )
TO-92
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2 3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-100 A, IE=0
-60
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-45
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
5
-
-
V
Collector Cut-off Current
ICBO
VCB=-45V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-3V, IC=0
-
-
-0.1
A
DC Current Gain
hFE (Note)
VCE=-1V, IC=-50mA
70
-
240
Base-Emitter Voltage
VBE
VCE=-1V, IC=-10mA
-0.6
-0.65
-0.9
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-150mA, IB=-15mA
-
-0.25
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-150mA, IB=-15mA
-
-0.9
-1.2
V
Transition Frequency
fT
VCE=-10V, IC=-10mA
100
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
6
-
pF
Note : hFE Classification
O:70~140, Y:120~240


Numéro de pièce similaire - KTA539

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA501 KEC-KTA501 Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501 KEC-KTA501 Datasheet
399Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501U KEC-KTA501U Datasheet
399Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Guangdong Kexin Industr...
KTA501U KEXIN-KTA501U Datasheet
1Mb / 3P
   PNP Transistors
More results

Description similaire - KTA539

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com