Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF422 Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce BF422
Description  SILICON NPN TRIPLE DIFFUSED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BF422 Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  BF422 Datasheet HTML 1Page - KEC(Korea Electronics) BF422 Datasheet HTML 2Page - KEC(Korea Electronics) BF422 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1998. 10. 31
3/3
BF422
Revision No : 2
0
0
COLLECTOR-BASE VOLTAGE VCB (V)
Cob, Cre - VCB
310
1
0.3
COLLECTOR CURRENT IC (mA)
fT - IC
40
80
120
160
200
240
280
2
4
6
8
10
I =0
f=1MHz
Ta=25 C
E
C ob
C re
30
10
30
50
100
300
500
COMMON EMITTER
Ta=25 C
V
=20V
CE
V
=10V
CE
COLLECTOR-EMITTER VOLTAGE VCE (V)
1000
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE.
I
MAX.(PULSED)
I
MAX.(CONTINUOUS)
DC
OPERATION
0
0
PC - Ta
310
SAFE OPERATING AREA
40
80
120
160
200
200
400
600
800
30
100
300
0.5
1
3
5
10
30
50
100
200
C
C
*
100ms
10ms
*
*
*
AMBIENT TEMPERATURE Ta ( C)
SINGLE NONREPETITIVE
PULSE Ta=25 C
*


Numéro de pièce similaire - BF422

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BF422 MOTOROLA-BF422 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
TRANSYS Electronics Lim...
BF422 TEL-BF422 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
New Jersey Semi-Conduct...
BF422 NJSEMI-BF422 Datasheet
83Kb / 2P
   Small Signal Transistors
logo
ON Semiconductor
BF422 ONSEMI-BF422 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
TRANSYS Electronics Lim...
BF422 TEL-BF422 Datasheet
77Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Description similaire - BF422

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
   Silicon NPN Triple Diffused Type
2N3055 TOSHIBA-2N3055 Datasheet
186Kb / 2P
   silicon NPN triple diffused type
2SD1408 TOSHIBA-2SD1408 Datasheet
105Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
   Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC3138 KEXIN-2SC3138 Datasheet
37Kb / 1P
   Silicon NPN Triple Diffused Type
logo
Toshiba Semiconductor
2SC3182 TOSHIBA-2SC3182 Datasheet
91Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD845 TOSHIBA-2SD845 Datasheet
242Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com