Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBZ5T30100-HF Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CDBZ5T30100-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ5T30100-HF Fiches technique(HTML) 2 Page - Comchip Technology

  CDBZ5T30100-HF_15 Datasheet HTML 1Page - Comchip Technology CDBZ5T30100-HF_15 Datasheet HTML 2Page - Comchip Technology CDBZ5T30100-HF_15 Datasheet HTML 3Page - Comchip Technology CDBZ5T30100-HF_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JB051
RATING AND CHARACTERISTIC CURVES (CDBZ5T30100-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD Schottky Barrier Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
0
10
15
0
25
50
75
100
125
150
5
Fig.1- Forward Current Derating Curve
Case Temperature, (°C)
1
10
100
0
200
Pulse width 8.3ms
Single Half-Sire-Wave
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current
Number Of Cycles At 60Hz
100
300
400
20
175
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage, (V)
0
1.0
0.2
0.4
0.6
0.01
0.10
50.0
1.00
0.8
10.0
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
Rthja= 78°C
Rthjc= 13°C
Fig.4- Typical Reverse Characteristics
0.0001
Percent Of Rated Peak Reverse Voltage, (%)
0.01
0.1
0.001
0
100
20
40
60
80
100
1.0
10
TJ=25°C
TJ=150°C
TJ=125°
C
TJ=100°C
50
150
250
350


Numéro de pièce similaire - CDBZ5T30100-HF_15

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Description similaire - CDBZ5T30100-HF_15

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com