Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3300-1 Fiches technique(PDF) 17 Page - Linear Technology

No de pièce LTC3300-1
Description  High Efficiency Bidirectional Multicell Battery Balancer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3300-1 Fiches technique(HTML) 17 Page - Linear Technology

Back Button LTC3300-1_15 Datasheet HTML 13Page - Linear Technology LTC3300-1_15 Datasheet HTML 14Page - Linear Technology LTC3300-1_15 Datasheet HTML 15Page - Linear Technology LTC3300-1_15 Datasheet HTML 16Page - Linear Technology LTC3300-1_15 Datasheet HTML 17Page - Linear Technology LTC3300-1_15 Datasheet HTML 18Page - Linear Technology LTC3300-1_15 Datasheet HTML 19Page - Linear Technology LTC3300-1_15 Datasheet HTML 20Page - Linear Technology LTC3300-1_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
LTC3300-1
17
33001fb
For more information www.linear.com/LTC3300-1
OPERATION
Cell Discharging (Synchronous)
When discharging is enabled for a given cell, the primary
side switch is turned on and current ramps in the primary
winding of the transformer until the programmed peak
current (IPEAK_PRI) is detected at the InP pin. The primary
side switch is then turned off, and the stored energy in
the transformer is transferred to the secondary-side cells
causing current to flow in the secondary winding of the
transformer. The secondary-side synchronous switch
is turned on to minimize power loss during the transfer
period until the secondary current drops to zero (detected
at InS). Once the secondary current reaches zero, the
secondary switch turns off and the primary-side switch
is turned back on thus repeating the cycle. In this manner,
charge is transferred from the cell being discharged to all
of the cells connected between the top and bottom of the
secondaryside—therebychargingtheadjacentcells.Inthe
example of Figure 2, the secondary-side connects across
12 cells including the cell being discharged.
IPEAK_PRI is programmed using the following equation:
IPEAK_PRI =
50mV
RSNS_PRI
Cell discharge current (primary side) and secondary-side
charge recovery current are determined to first order by
the following equations:
IDISCHARGE =
IPEAK_PRI
2
S
S
+ T
⎝⎜
⎠⎟
ISECONDARY =
IPEAK_PRI
2
1
S
+ T
⎝⎜
⎠⎟ ηDISCHARGE
where S is the number of secondary-side cells, 1:T is the
transformer turns ratio from primary to secondary, and
ηDISCHARGE is the transfer efficiency from primary cell
discharge to the secondary side stack.
Cell Charging
When charging is enabled for a given cell, the secondary-
side switch for the enabled cell is turned on and current
flows from the secondary-side cells through the trans-
former. Once IPEAK_SEC is reached in the secondary side
(detected at the InS pin), the secondary switch is turned
offandcurrentthenflowsintheprimarysidethuscharging
theselectedcellfromtheentirestackofsecondarycells.As
with the discharging case, the primary-side synchronous
switch is turned on to minimize power loss during the cell
charging phase. Once the primary current drops to zero,
the primary switch is turned off and the secondary-side
switch is turned back on thus repeating the cycle.
IPEAK_SEC is programmed using the following equation:
IPEAK_SEC =
50mV
RSNS_SEC
Cell charge current and corresponding secondary-side
discharge current are determined to first order by the
following equations:
ICHARGE =
IPEAK_SEC
2
ST
S
+ T
⎝⎜
⎠⎟
ηCHARGE
ISECONDARY =
IPEAK_SEC
2
T
S
+ T
⎝⎜
⎠⎟
where S is the number of secondary cells in the stack, 1:T
is the transformer turns ratio from primary to secondary,
and
ηCHARGEisthetransferefficiencyfromsecondary-side
stack discharge to the primary-side cell.
Each balancer’s charge transfer “frequency” and duty
factor depend on a number of factors including IPEAK_PRI,
IPEAK_SEC, transformer winding inductances, turns ratio,
cell voltage and the number of secondary-side cells.
The frequency of switching seen at the gate driver outputs
is given by:
fDISCHARGE =
S
S
+ T
VCELL
LPRI •IPEAK_PRI
fCHARGE =
S
S
+ T
VCELL
LPRI •IPEAK_SEC •T
where LPRI is the primary winding inductance.
Figure 3 shows a fully populated LTC3300-1 application
employing all six balancers.


Numéro de pièce similaire - LTC3300-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
   High Effciency Bidirectional Multicell Battery Balancer
More results

Description similaire - LTC3300-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3300-2 LINER-LTC3300-2_15 Datasheet
473Kb / 42P
   Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2 Datasheet
473Kb / 42P
   Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
   High Effciency Bidirectional Multicell Battery Balancer
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
   Multicell Battery Monitor
LTC6811-1 LINER-LTC6811-1 Datasheet
2Mb / 88P
   Multicell Battery Monitors
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
   Multicell Battery Monitor
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
LTC6804-1 LINER-LTC6804-1 Datasheet
934Kb / 72P
   Multicell Battery Monitors
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
   Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com