Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4393 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce 2N4393
Description  N-CHANNEL SILICON JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4393 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  2N4393 Datasheet HTML 1Page - Central Semiconductor Corp 2N4393 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4391
2N4392
2N4393
N-CHANNEL
SILICON JFET
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
2N4391
2N4392
2N4393
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
tr
ID(ON)=12mA
-
5.0
-
-
-
-
ns
tr
ID(ON)=6.0mA
-
-
-
5.0
-
-
ns
tr
ID(ON)=3.0mA
-
-
-
-
-
5.0
ns
tf
VGS(OFF)=12V
-
15
-
-
-
-
ns
tf
VGS(OFF)=7.0V
-
-
-
20
-
-
ns
tf
VGS(OFF)=5.0V
-
-
-
-
-
30
ns
ton
ID(ON)=12mA
-
15
-
-
-
-
ns
ton
ID(ON)=6.0mA
-
-
-
15
-
-
ns
ton
ID(ON)=3.0mA
-
-
-
-
-
15
ns
toff
VGS(OFF)=12V
-
20
-
-
-
-
ns
toff
VGS(OFF)=7.0V
-
-
-
35
-
-
ns
toff
VGS(OFF)=5.0V
-
-
-
-
-
50
ns
TO-18 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Source
2) Drain
3) Gate
MARKING: FULL PART NUMBER
www.centr a lsemi.com
R1 (30-January 2012)


Numéro de pièce similaire - 2N4393

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Micross Components
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
   Linear Systems replaces discontinued Siliconix
logo
Linear Integrated Syste...
2N4393 LINEAR-2N4393 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
35Kb / 2P
   N-Channel JFET Switch
logo
List of Unclassifed Man...
2N4393 ETC1-2N4393 Datasheet
43Kb / 1P
   N-Channel JFETs
More results

Description similaire - 2N4393

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
   N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
2N4858 CENTRAL-2N4858 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A Datasheet
77Kb / 2P
   SILICON N-CHANNEL JFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com