Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD34705KS2 Fiches technique(PDF) 9 Page - Rohm

No de pièce BD34705KS2
Description  Built-in 2ch Volume for ZONE output
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD34705KS2 Fiches technique(HTML) 9 Page - Rohm

Back Button BD34705KS2 Datasheet HTML 5Page - Rohm BD34705KS2 Datasheet HTML 6Page - Rohm BD34705KS2 Datasheet HTML 7Page - Rohm BD34705KS2 Datasheet HTML 8Page - Rohm BD34705KS2 Datasheet HTML 9Page - Rohm BD34705KS2 Datasheet HTML 10Page - Rohm BD34705KS2 Datasheet HTML 11Page - Rohm BD34705KS2 Datasheet HTML 12Page - Rohm BD34705KS2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9/36
Datasheet
Datasheet
BD34705KS2
TSZ02201-0C2C0E100250-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.3.31. Rev.001
www.rohm.com
TSZ22111・15・001
Specifications for Control Signal
(1) Timing of control signal
Data is read at the rising edge of clock.
Latch is read at the falling edge of clock. Data on the latest 16bit is taken inside the IC.
Ensure to set DA and CL to LOW after Latch.
1byte=16bit
Item
Symbol
Limit
Unit
Min.
Typ.
Max.
Clock width
twc
1.0
-
-
µsec
Data width
twd
1.0
-
-
µsec
Latch width
twl
1.0
-
-
µsec
Low hold width
twh
1.0
-
-
µsec
Data setup time (DATA→CLK)
tsd
0.5
-
-
µsec
Data hold time (CLK→DATA)
thd
0.5
-
-
µsec
Latch setup time (CLK→LATCH)
tsl
0.5
-
-
µsec
Latch hold time
thl
0.5
-
-
µsec
Latch Low setup time
ts
0.5
-
-
µsec
Latch Low hold time
th
0.5
-
-
µsec
(2) Voltage of control signal (CL, DA, CHIP)
Item
Conditions
Limit
Unit
Min.
Typ.
Max.
(<VCC)
High input voltage
Vcc=+6.5 to +7.5V
Vee=-6.5 to -7.5V
2.3
-
5.5
V
Low input voltage
0
-
1.0
V
(3) Basic Structure of Control Data
←Input Direction
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Data
Select Address
CL
( CLOCK)
DA
DATA
LATCH
thd
thd
th
ts
tsl
thl
tsd
twc
twh
twd
twl
tsu
DATA
DATA
LATCH
90%
90%
90%
90%
10%
10%
10%
90%
90%
90%
90%
90%
10%
10%
10%
twc
Figure 10. The timing definition of the control signal


Numéro de pièce similaire - BD34705KS2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD34700FV ROHM-BD34700FV Datasheet
951Kb / 31P
   Micro-step volume can reduce the switching pop noise when volume changes
BD34701KS2 ROHM-BD34701KS2 Datasheet
1Mb / 32P
   7.1ch Sound Processor with Built-in Micro-step Volume
BD34701KS2-E2 ROHM-BD34701KS2-E2 Datasheet
1Mb / 32P
   7.1ch Sound Processor with Built-in Micro-step Volume
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34704KS2-E2 ROHM-BD34704KS2-E2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
More results

Description similaire - BD34705KS2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
   2ch Electronic Volume
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
M61509FP RENESAS-M61509FP Datasheet
170Kb / 14P
   QXpander built-in, Tone control, Volume control
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com