Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDXXFC0WEFJ Fiches technique(PDF) 7 Page - Rohm

No de pièce BDXXFC0WEFJ
Description  Low saturation with PDMOS output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BDXXFC0WEFJ Fiches technique(HTML) 7 Page - Rohm

Back Button BDXXFC0WEFJ Datasheet HTML 3Page - Rohm BDXXFC0WEFJ Datasheet HTML 4Page - Rohm BDXXFC0WEFJ Datasheet HTML 5Page - Rohm BDXXFC0WEFJ Datasheet HTML 6Page - Rohm BDXXFC0WEFJ Datasheet HTML 7Page - Rohm BDXXFC0WEFJ Datasheet HTML 8Page - Rohm BDXXFC0WEFJ Datasheet HTML 9Page - Rohm BDXXFC0WEFJ Datasheet HTML 10Page - Rohm BDXXFC0WEFJ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/17
Datasheet
BDxxFC0WEFJ series
TSZ02201-0R6R0A600480-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.08.27 Rev.001
www.rohm.com
TSZ22111
・15・001
Figure 16. EN Voltage vs Output Voltage
Figure 17. Thermal Shutdown
Circuit Characteristic
0
20
40
60
80
100
120
140
160
0
2
4
6
8 10 12 14 16 18 20 22 24 26
Enable Voltage: VEN[V]
Ta =25℃
0
1
2
3
4
5
6
0
2
4
6
8 10 12 14 16 18 20 22 24 26
Enable Voltage: VEN[V]
Ta =25℃
0
1
2
3
4
5
6
130
140
150
160
170
180
190
Ambient Temperature:Ta [℃]
0.0
0.2
0.4
0.6
0.8
1.0
0
200
400
600
800
1000
Output Current:IOUT[mA]
Ta =25℃
Figure 14. Circuit Current
(IOUT =0mA
→1000 mA)
(IFEEDBACK_R
≒75µA)
Figure 15. EN Voltage vs EN Current


Numéro de pièce similaire - BDXXFC0WEFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
More results

Description similaire - BDXXFC0WEFJ

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M5266P MITSUBISHI-M5266P Datasheet
263Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5265P MITSUBISHI-M5265P Datasheet
285Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5270L MITSUBISHI-M5270L Datasheet
252Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
NEC
UPC3018 NEC-UPC3018 Datasheet
76Kb / 12P
   LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
logo
Diodes Incorporated
ZXTN2011G DIODES-ZXTN2011G Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com