Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1484EFJ Fiches technique(PDF) 7 Page - Rohm

No de pièce BD1484EFJ
Description  Low Standby Current during Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1484EFJ Fiches technique(HTML) 7 Page - Rohm

Back Button BD1484EFJ Datasheet HTML 3Page - Rohm BD1484EFJ Datasheet HTML 4Page - Rohm BD1484EFJ Datasheet HTML 5Page - Rohm BD1484EFJ Datasheet HTML 6Page - Rohm BD1484EFJ Datasheet HTML 7Page - Rohm BD1484EFJ Datasheet HTML 8Page - Rohm BD1484EFJ Datasheet HTML 9Page - Rohm BD1484EFJ Datasheet HTML 10Page - Rohm BD1484EFJ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.rohm.com
TSZ02201-0333AD100140-1-2
©2012 ROHM Co., Ltd. All rights reserved.
7/17
06.Aug.2012 Rev.001
TSZ22111・15・001
BD1484EFJ
Datasheet
●Typical Performance Curves (Continued)
(Unless otherwise specified, VIN= 12V Ta = 25℃)
Fig.17 Start Up waveform
(VIN= 12V VOUT= 3.3V L= 10µH CSS= 0.1µF)
Fig.16 Output Ripple Voltage
(VIN= 12V VOUT= 3.3V L= 10µH Cout =22µF Iout= 3.0A )
VOUT
IOUT
VOUT: 20mV/div
IOUT: 1.0A/div
⊿: +22.8mV
1usec/div
22ms
TSS
VOUT
IOUT
EN
VOUT: 1.0V/div
IOUT: 1.0A/div
EN: 10V/div
5msec/div


Numéro de pièce similaire - BD1484EFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
   Low Standby Current during Shutdown Mode
More results

Description similaire - BD1484EFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
   Low Standby Current during Shutdown Mode
logo
Micross Components
AS5181 MICROSS-AS5181 Datasheet
962Kb / 16P
   Low-Current Standby or Full Shutdown Modes
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
MAX17000EVKIT MAXIM-MAX17000EVKIT Datasheet
280Kb / 11P
   Independent Shutdown and Standby Controls
Rev 0; 5/08
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com