Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1HX500 Fiches technique(PDF) 1 Page - Rohm

No de pièce BD1HX500
Description  1ch High-side switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1HX500 Fiches technique(HTML) 1 Page - Rohm

  BD1HX500 Datasheet HTML 1Page - Rohm BD1HX500 Datasheet HTML 2Page - Rohm BD1HX500 Datasheet HTML 3Page - Rohm BD1HX500 Datasheet HTML 4Page - Rohm BD1HX500 Datasheet HTML 5Page - Rohm BD1HX500 Datasheet HTML 6Page - Rohm BD1HX500 Datasheet HTML 7Page - Rohm BD1HX500 Datasheet HTML 8Page - Rohm BD1HX500 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/18
TSZ02201-0G3G0BD00070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.15 Rev.002
www.rohm.com
TSZ22111・14・001
Automotive IPS series
1ch High-side switch
BD1Hx500 Series
Features
Built-in overcurrent protection circuit
Built-in Thermal Shut Down(TSD)
Built-in Open Load Detection circuit(When Output is
OFF)
Possibility to control directly from CMOS logic IC
Low standby current
Built-in Under Voltage Lock Out circuit
Built-in diagnostic(ST) output function
Low On resistance of RDS(ON)=500mΩ(Typ) (VDD=12V,
Ta=25°C, Io=0.25A)
Monolithic power IC that has a built in control part
(CMOS) and a power MOS FET on 1chip
1ch High-side switch for the mechanical relay coil
drive
AEC-Q100 qualified (1)
(1) Grade 1
General Description
BD1HC/D500 Series is an Automotive 1ch High-Side
switch.
It has a built-in overcurrent protection circuit, Thermal
Shut Down (TSD) circuit, Open Load Detection circuit,
Under Voltage Lock Out circuit, and has diagnostic (ST)
output function at the time during abnormal detection.
Application
For automotive (Air conditioner, body equipment, and
meter, etc.)
Product Summary
Operating voltage
4V to 18V
On-state resistance
(25°C, Typ)
500mΩ
Overcurrent limit (Typ)
1.45A
Active clamp energy (25°C)
33mJ
Package
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HSON8
2.90mm x 3.00mm x 0.60mm
MSOP8
2.90mm x 4.00mm x 0.90mm
Typical Application Circuit
MSOP 8
HSON 8
HTSOP-J8
Datasheet


Numéro de pièce similaire - BD1HX500

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1HX500 ROHM-BD1HX500 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
More results

Description similaire - BD1HX500

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BV1HD090FJ-C ROHM-BV1HD090FJ-C Datasheet
1Mb / 23P
   1ch High-side Switch IC
27.Dec2016 Rev.001
BUS1DJC0GWZ ROHM-BUS1DJC0GWZ Datasheet
669Kb / 23P
   1ch Ultra Small High Side Load Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com