Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM50-0015SMB Fiches technique(PDF) 7 Page - Tyco Electronics

No de pièce AM50-0015SMB
Description  Miniature Broadband Gain Stage 200 - 3000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0015SMB Fiches technique(HTML) 7 Page - Tyco Electronics

  AM50-0015SMB Datasheet HTML 1Page - Tyco Electronics AM50-0015SMB Datasheet HTML 2Page - Tyco Electronics AM50-0015SMB Datasheet HTML 3Page - Tyco Electronics AM50-0015SMB Datasheet HTML 4Page - Tyco Electronics AM50-0015SMB Datasheet HTML 5Page - Tyco Electronics AM50-0015SMB Datasheet HTML 6Page - Tyco Electronics AM50-0015SMB Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
7
Miniature Broadband Gain Stage, 200 - 3000 MHz
AM50-0015
Typical S-Parameter Data: 5.0 Volts @ 80 mA
Frequency
S11
S21
S12
S22
MHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
400.000
0.2201
-36.83
6.2856
155.55
0.0630
6.31
0.1920
162.51
504.000
0.2168
-42.60
6.1754
150.33
0.0630
6.80
0.1873
156.15
608.000
0.2168
-49.10
6.0428
145.41
0.0624
8.37
0.1784
151.21
660.000
0.2171
-52.05
5.9696
142.78
0.0625
8.93
0.1726
148.40
764.000
0.2169
-58.23
5.8192
137.69
0.0618
10.35
0.1628
142.85
868.000
0.2171
-64.21
5.6613
133.08
0.0616
11.53
0.1530
137.95
972.000
0.2160
-69.66
5.4627
128.34
0.0613
13.58
0.1427
131.92
1076.000
0.2182
-75.25
5.3271
123.76
0.0612
15.60
0.1316
127.62
1180.000
0.2193
-80.96
5.1602
119.36
0.0614
17.63
0.1202
123.48
1284.000
0.2186
-85.87
4.9814
115.17
0.0619
19.83
0.1124
118.48
1388.000
0.2206
-90.84
4.8421
111.31
0.0627
22.28
0.1026
114.89
1492.000
0.2220
-95.46
4.7014
107.35
0.0630
24.88
0.0931
111.09
1596.000
0.2234
-99.67
4.5447
103.59
0.0644
27.25
0.0844
106.04
1700.000
0.2250
-104.07
4.4061
100.18
0.0652
29.29
0.0744
104.39
1804.000
0.2285
-107.97
4.2764
96.52
0.0676
32.04
0.0654
100.69
1908.000
0.2291
-111.40
4.1327
93.22
0.0692
33.71
0.0543
98.35
2012.000
0.2313
-115.29
4.0120
89.86
0.0712
35.83
0.0483
95.51
2116.000
0.2344
-118.71
3.9018
86.51
0.0742
37.94
0.0381
94.97
2220.000
0.2369
-121.95
3.7920
83.58
0.0767
39.36
0.0295
91.77
2324.000
0.2396
-125.10
3.6950
80.37
0.0798
41.07
0.0229
93.73
2428.000
0.2415
-128.09
3.5850
77.59
0.0833
42.65
0.0166
100.42
2532.000
0.2439
-131.73
3.4994
74.72
0.0867
43.82
0.0130
118.93
2636.000
0.2471
-134.41
3.4058
72.17
0.0901
45.59
0.0117
160.83
2740.000
0.2499
-137.00
3.2991
69.33
0.0942
46.50
0.0148
-170.99
2844.000
0.2546
-140.01
3.2340
66.41
0.0987
47.70
0.0232
-160.77
2948.000
0.2572
-142.28
3.1539
64.07
0.1027
48.04
0.0317
-152.16
3000.000
0.2611
-143.98
3.1213
62.63
0.1050
48.47
0.0386
-151.48


Numéro de pièce similaire - AM50-0015SMB

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011 MACOM-AM50-0011 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
182Kb / 4P
   High Dynamic Range LNA
More results

Description similaire - AM50-0015SMB

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com