Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M306V0ME Datasheet(Fiches technique) 2 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M306V0ME
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Télécharger  256 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 
 2 page
background image
M306V0ME-XXXFP
M306V0EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
2
Rev. 1.0
------Table of Contents------
2.16.18 R, G, B Signal Output Control ..... 210
2.16.19 OSD Reserved Register ....... 210
2.17 Programmable I/O Ports .................... 212
3. USAGE PRECAUTION .............................. 225
3.1 Timer A (timer mode) ........................... 225
3.2 Timer A (event counter mode) ............. 225
3.3 Timer A (one-shot timer mode) ............ 225
3.4 Timer A (pulse width modulation mode) .... 225
3.5 Timer B (timer mode, event counter mode) ..... 226
3.6 Timer B (pulse period, pulse width
measurement mode) ........................... 226
3.7 A-D Converter ...................................... 226
3.8 Stop Mode and Wait Mode .................. 226
3.9 Interrupts .............................................. 227
3.10 Built-in PROM version ....................... 228
4. ITEMS TO BE SUBMITTED WHEN
ORDERING MASKED ROM VERSION ..... 229
5. ELECTRICAL CHARACTERISTICS .......... 230
5.1 Absolute Maximum Ratings ................. 230
5.2 Recommended Operating Conditions .. 231
5.3 Electrical Characteristics ..................... 232
5.4 A-D Conversion Characteristics ........... 233
5.5 D-A Conversion Characteristics ........... 233
5.6 Analog R, G, B Output Characteristics .... 233
5.7 Timing Requirements ........................... 234
5.8 Switching Characteristics ..................... 236
5.9 Measurement Circuit ............................ 239
5.10 Timing Diagram ................................. 240
6. MASK CONFIRMATION FORM ................ 245
7. MARK SPECIFICATION FORM ................ 249
8.ONE TIME PROM VERSION
M306V0EEFP MARKING ........................... 250
9. PACKAGE OUTLINE ................................. 251
1. DESCRIPTION .............................................. 1
1.1 Features ................................................... 1
1.2 Applications ............................................. 1
1.3 Pin Configuration ..................................... 3
1.4 Block Diagram ......................................... 4
1.5 Performance Outline ................................ 5
2. OPERATION OF FUNCTIONAL BLOCKS .... 9
2.1 Memory .................................................... 9
2.2 Central Processing Unit (CPU) .............. 15
2.3 Reset ..................................................... 18
2.4 Processor Mode ..................................... 23
2.5 Clock Generating Circuit ........................ 36
2.6 Protection ............................................... 46
2.7 Interrupts ................................................ 47
2.8 Watchdog Timer .................................... 67
2.9 DMAC .................................................... 69
2.10 Timer .................................................... 79
2.11 Serial I/O .............................................. 99
2.12 A-D Converter .................................... 133
2.13 D-A Converter .................................... 148
2.14 Data Slicer ......................................... 150
2.15 HSYNC Counter .................................. 160
2.16 OSD Functions .................................. 161
2.16.1 Triple Layer OSD .................... 166
2.16.2 Display Position ...................... 168
2.16.3 Dot size ................................... 172
2.16.4 Clock for OSD ......................... 173
2.16.5 Field Determination Display .... 174
2.16.6 Memory for OSD ..................... 176
2.16.7 Character Color ...................... 189
2.16.8 Character Backgroud color ..... 189
2.16.9 OUT1, OUT2 Signals .............. 193
2.16.10 Attribute ................................ 194
2.16.11 Automatic Solid Space Function .. 199
2.16.12 Multiline Display .................... 200
2.16.13 SPRITE OSD Function ......... 201
2.16.14 Window Function .................. 204
2.16.15 Blank Function ...................... 205
2.16.16 Raster Coloring Function ...... 208
2.16.17 Scan Mode ............................ 210




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M37273MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37267SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37281EKSPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M306V2MESINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER  1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M306V5MESINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER  1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37266ME-XXXSPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37271MF-XXXSPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37271MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37272M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37272M6HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl