Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM42-0040 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce AM42-0040
Description  GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0040 Fiches technique(HTML) 3 Page - Tyco Electronics

  AM42-0040 Datasheet HTML 1Page - Tyco Electronics AM42-0040 Datasheet HTML 2Page - Tyco Electronics AM42-0040 Datasheet HTML 3Page - Tyco Electronics AM42-0040 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs MMIC VSAT Power Amplifier, 2W, 5.9-6.4 GHz
AM42-0040
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Typical Performance @ +25°C
-40
-30
-20
-10
0
10
20
30
40
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
S11
S22
0
5
10
15
20
25
30
35
Frequency (GHz)
Output Power vs Frequency
@ P
IN = +10 dBm
0
5
10
15
20
25
30
Frequency (GHz)
Power Added Efficiency (PAE) vs. Frequency
@ P
IN = +10 dBm
30.0
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
0
1234567
8
9 10 11 12 13 14
PIN (dBm)
Output Power vs. Input Power
@ 6.15 GHz
0
5
10
15
20
25
0123456789
10 11 12 13 14
PIN (dBm)
Power Added Efficiency vs. Input Power
@ 6.15 GHz
Linear Gain vs. Frequency
Input and Output Return Loss vs. Frequency


Numéro de pièce similaire - AM42-0040

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
More results

Description similaire - AM42-0040

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 6.40 - 7.025 GHz
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
List of Unclassifed Man...
TAG-1035 ETC1-TAG-1035 Datasheet
492Kb / 2P
   5.8 to 6.4 GHz GaAs MMIC VSAT (C-BAND) Power Amplifier
logo
Tyco Electronics
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
logo
List of Unclassifed Man...
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
   5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
   GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com