Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM-160 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce AM-160
Description  Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-160 Fiches technique(HTML) 1 Page - Tyco Electronics

  AM-160 Datasheet HTML 1Page - Tyco Electronics AM-160 Datasheet HTML 2Page - Tyco Electronics AM-160 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
1.6 dB Typical Midband Noise Figure
n
+19 dBm Typical 1 dB Compression Point
n
+30 dBm Typical Third Order Intercept
Description
M/A-COM’s AM-160 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a flatpack
with flanges. Due to the metal flatpack the thermal rise is
minimized. The ground plane on the PC board should be
configured to remove heat from under the package.
AM-160 is ideally suited for use where a high intercept,
high reliability amplifier is required.
Low Noise Amplifier, 28 dB Gain,
100 - 600 MHz
FP-9
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
250 MHz
dB
27.2
28.2
29.2
Frequency Response
100-600 MHz
dB
±1.25
Gain Variation with
Temperature
100-600 MHz
dB
±1.0
1 dB Compression
Output Power
100-600 MHz
dBm
+16
Noise Figure
100-600 MHz
dB
3.0
Reverse Transmission
100-600 MHz
dB
-38
-32
VSWR
100-600 MHz
100-400 MHz
Ratio
Ratio
2.5:1
2:1
Output IP2
Two-tone inputs up to +5 dBm
100-600 MHz
dBm
+36
Output IP3
Two-tone inputs up to +5 dBm
100-600 MHz
dBm
+27
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
70
75
Power Dissipation
@ +15V Bias
mW
1050
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.2 W must
be provided in use.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
1. Operation of this device above any one of these parameters
may cause permanent damage.
V3.00


Numéro de pièce similaire - AM-160

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier
logo
Tyco Electronics
AM-160PIN MACOM-AM-160PIN Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160PIN MA-COM-AM-160PIN Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results

Description similaire - AM-160

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
   Low Noise Amplifier, 28 dB Gain
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
   Low Noise Amplifier 100 - 600 MHz
logo
Tyco Electronics
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
   Low Noise Amplifier, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com