Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC3500 Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce TC3500
Description  35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

TC3500 Fiches technique(HTML) 1 Page - Won-Top Electronics

  TC3500_14 Datasheet HTML 1Page - Won-Top Electronics TC3500_14 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Glass Passivated Die Construction
Low Leakage
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 5.0µA
D
Mechanical Data
C
Case: All Copper Case and Components
E
Hermetically Sealed
Terminals: Contact Areas Readily Solderable
Polarity: Cathode to Case (Reverse Units Are
B
Available Upon Request and Are Designated
By A “R” Suffix, i.e. TC3502R or TC3504R)
Polarity: Red Color Equals Standard,
A
Black Color Equals Reverse Polarity
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
TC3500 TC3501 TC3502 TC3503 TC3504 TC3505 TC3506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
TC3500 – TC3506
35A GLASS PASSIVATED 5/16” TIN CAN PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
Tin Can
Dim
Min
Max
A
8.67
8.77
B
7.10
7.30
C
10.40
10.60
D
1.40
1.60
E
26.00
All Dimensions in mm


Numéro de pièce similaire - TC3500_14

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
TC3500H LITEON-TC3500H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Won-Top Electronics
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

Description similaire - TC3500_14

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2520 WTE-TC2520 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
HD3500 WTE-HD3500 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com