Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4036 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce 2N4036
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4036 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  2N4036 Datasheet HTML 1Page - Central Semiconductor Corp 2N4036 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4036
2N4037
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4036, 2N4037
are epitaxial planar PNP Silicon Transistors designed
for small signal, medium power, general purpose
industrial applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N4036
2N4037
UNITS
Collector-Base Voltage
VCBO
90
60
V
Collector-Emitter Voltage
VCEO
65
40
V
Emitter-Base Voltage
VEBO
7.0
7.0
V
Continuous Collector Current
IC
1.0
A
Continuous Base Current
IB
0.5
A
Power Dissipation
PD
5.0
W
Power Dissipation (TA=25°C)
PD
1.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
35
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N4036
2N4037
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=90V
-
1.0
-
-
µA
ICBO
VCB=60V
-
-
-
0.25
µA
ICEX
VCE=85V, VEB=1.5V
-
100
-
-
µA
ICEX
VCE=30V, VEB=1.5V, TC=150°C
-
-
-
100
mA
IEBO
VEB=7.0V
-
10
-
-
µA
IEBO
VEB=5.0V
-
-
-
1.0
µA
BVCEO
IC=100mA
65
-
40
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.65
-
1.4
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.4
-
-
V
VBE(ON)
VCE=10V, IC=150mA
-
-
-
1.5
V
hFE
VCE=10V, IC=0.1mA
20
-
-
-
hFE
VCE=10V, IC=1.0mA
-
-
15
-
hFE
VCE=10V, IC=150mA
40
140
50
250
hFE
VCE=2.0V, IC=150mA
20
200
-
-
hFE
VCE=10V, IC=500mA
20
-
-
-
fT
VCE=10V, IC=50mA, f=20MHz
60
-
60
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
30
-
30
pF
ton
VCE=30V, IC=150mA, IB1=IB2=15mA
-
110
-
-
ns
toff
VCE=30V, IC=150mA, IB1=IB2=15mA
-
700
-
-
ns
TO-39 CASE
R1 (1-April 2010)
www.centra lsemi.com


Numéro de pièce similaire - 2N4036

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
2N4036 MOTOROLA-2N4036 Datasheet
86Kb / 4P
   CASE 79.04, STYLE 1 TO-39 (TO-205AD)
logo
NXP Semiconductors
2N4036 PHILIPS-2N4036 Datasheet
51Kb / 8P
   PNP switching transistor
1997 Jun 19
logo
STMicroelectronics
2N4036 STMICROELECTRONICS-2N4036 Datasheet
62Kb / 5P
   MEDIUM-SPEED SWITCH
October 1988
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Micro Electronics
2N4036 MICRO-ELECTRONICS-2N4036 Datasheet
147Kb / 2P
   COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
More results

Description similaire - 2N4036

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com