Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMG7430LFG-13 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce DMG7430LFG-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG7430LFG-13 Fiches technique(HTML) 5 Page - Diodes Incorporated

  DMG7430LFG-13 Datasheet HTML 1Page - Diodes Incorporated DMG7430LFG-13 Datasheet HTML 2Page - Diodes Incorporated DMG7430LFG-13 Datasheet HTML 3Page - Diodes Incorporated DMG7430LFG-13 Datasheet HTML 4Page - Diodes Incorporated DMG7430LFG-13 Datasheet HTML 5Page - Diodes Incorporated DMG7430LFG-13 Datasheet HTML 6Page - Diodes Incorporated DMG7430LFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMG7430LFG
Document number: DS35497 Rev. 5 - 2
5 of 7
www.diodes.com
February 2012
© Diodes Incorporated
DMG7430LFG
POWERDI is a registered trademark of Diodes Incorporated
0
0.01
0.02
0.03
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 10 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 10A
GS
D
V=
V
I= 20A
GS
D
10
0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 11 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig.12 Diode Forward Voltage vs. Current
T= 25°C
A
0
200
400
600
800
1,000
1,200
1,400
1,600
1,800
2,000
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 13 Typical Junction Capacitance
Ciss
Coss
C
rss
f = 1MHz
010
20
3040
50
60
7080
90 100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 14 Typical Drain-Source Leakage Current vs. Voltage
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
Q
(nC)
g, TOTAL GATE CHARGE
Fig. 15 Gate Charge
V
= 15V
I=
A
DS
D
12


Numéro de pièce similaire - DMG7430LFG-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG7430LFG DIODES-DMG7430LFG Datasheet
223Kb / 7P
   This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
DMG7430LFGQ DIODES-DMG7430LFGQ Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMG7430LFGQ-13 DIODES-DMG7430LFGQ-13 Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMG7430LFGQ-7 DIODES-DMG7430LFGQ-7 Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
More results

Description similaire - DMG7430LFG-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H120SFG DIODES-DMN10H120SFG_15 Datasheet
247Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4008LFG DIODES-DMN4008LFG_15 Datasheet
341Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com