Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUD602S Fiches technique(PDF) 5 Page - SamHop Microelectronics Corp.

No de pièce STUD602S
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD602S Fiches technique(HTML) 5 Page - SamHop Microelectronics Corp.

  STUD602S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD602S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6
Q g, T otal G ate Charge (nC)
10
8
6
4
2
0
04
8
12
16
20
24
28 32
V DS =30V
ID=10A
Figure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
1800
1500
1200
900
600
300
0
Cis s
Cos s
Crs s
F igure 11. s witching cha ra cteris tics
R g, G ateR es is tance(
Ω)
100
10
1
1
610
60 100
60
600
300
220
TD(on)
T D(off)
Tf
V DS =30V , ID=10A
V G S =10V
5
STU/D602S
Tr
Figure 12. Ma ximum S a fe
Opera ting Area
V DS , Drain-S ource V oltage (V )
80
10
1
0.1
0.03
0.1
1
10
60
80
10m
s
100
ms
1s
DC
V GS =10V
S ingle P uls e
T A=25 C
R
DS
(O
N)
Lim
it
Square W ave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E
F igure 10. G a te C ha rge


Numéro de pièce similaire - STUD602S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STUD600S SAMHOP-STUD600S Datasheet
216Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD608S SAMHOP-STUD608S Datasheet
102Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD609S SAMHOP-STUD609S Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Description similaire - STUD602S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com