Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUD428S Fiches technique(PDF) 6 Page - SamHop Microelectronics Corp.

No de pièce STUD428S
Description  S uper high dense cell design for low R DS (ON).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD428S Fiches technique(HTML) 6 Page - SamHop Microelectronics Corp.

  STUD428S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
F igure 13. S witching T es t C ircuit
F igure 14. S witching W aveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
6
INVE R TE D
V DD
R
D
V
V
R
S
V
G
GS
IN
GE N
OUT
L
6
S quare W ave P uls e Duration (s ec)
F igure 15. Normalized T hermal T rans ient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E
S T U/D428S


Numéro de pièce similaire - STUD428S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STUD420S SAMHOP-STUD420S Datasheet
97Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD421S SAMHOP-STUD421S Datasheet
124Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD426S SAMHOP-STUD426S Datasheet
119Kb / 9P
   Super high dense cell design for low RDS (ON).
More results

Description similaire - STUD428S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD1530PL SAMHOP-STUD1530PL Datasheet
103Kb / 8P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com