Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC4028SSDQ-13 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce DMC4028SSDQ-13
Description  40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4028SSDQ-13 Fiches technique(HTML) 3 Page - Diodes Incorporated

  DMC4028SSDQ-13 Datasheet HTML 1Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 2Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 3Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 4Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 5Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 6Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 7Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 8Page - Diodes Incorporated DMC4028SSDQ-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DMC4028SSD
Document Number: D35041 Rev: 2 - 2
3 of 11
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4028SSD
Thermal Characteristics
0.1
1
10
10m
100m
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
100µ
1m
10m 100m
1
10
100
1k
1
10
100
0.1
1
10
10m
100m
1
10
(Note 3 & 6)
100us
100ms
1s
R
DS(ON)
Limited
1ms
N-channel Safe Operating Area
NPN @ Single Pulse, T
amb=25°C
DC
10ms
V
DS Drain-Source Voltage (V)
One active die
Two active die
Derating Curve
Temperature (°C)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
Single Pulse
T
amb=25°C
Pulse Power Dissipation
Pulse Width (s)
(Note 3 & 6)
PNP @ Single Pulse, T
amb=25°C
1s
DC
100us
1ms
10ms
100ms
R
DS(ON)
Limited
P-channel Safe Operating Area
-V
DS Drain-Source Voltage (V)


Numéro de pièce similaire - DMC4028SSDQ-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
More results

Description similaire - DMC4028SSDQ-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
   40V Complementary Enhancement Mode MOSFET
VER 1.2
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSDQ DIODES-DMC4050SSDQ Datasheet
450Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com