Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC2038LVTQ-7 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce DMC2038LVTQ-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2038LVTQ-7 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button DMC2038LVTQ-7 Datasheet HTML 2Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 3Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 4Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 5Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 6Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 7Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 8Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 9Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DMC2038LVT
Document number: DS35417 Rev. 6 - 2
7 of 10
www.diodes.com
September 2013
© Diodes Incorporated
DMC2038LVT
V= -4.5V
GS
0.04
0.08
0.12
0.16
0
-I , DRAIN SOURCE CURRENT
Fig. 15 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
5
10
15
20
V= -2.5V
GS
V= -1.8V
GS
-I , DRAIN SOURCE CURRENT (A)
Fig. 16 Typical On-Resistance vs.
Drain Current and Temperature
D
04
8
12
16
20
V
= 4.5V
GS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
0.20
-50
-25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 17 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 18 On-Resistance Variation with Temperature
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-V
=10V
-I =10A
GS
D
-V
=5V
-I =5A
GS
D
0
0.5
1
1.5
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 19 Gate Threshold Variation vs. Ambient Temperature
A
-V , SOURCE-DRAIN VOLTAGE (V)
Fig. 20 Diode Forward Voltage vs. Current
SD
0
2
4
6
8
10
12
14
16
18
20
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6


Numéro de pièce similaire - DMC2038LVTQ-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC2038LVTQ-7 DIODES-DMC2038LVTQ-7 Datasheet
301Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2038LVTQ-7 DIODES-DMC2038LVTQ-7 Datasheet
708Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Description similaire - DMC2038LVTQ-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com