Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUD10N20 Fiches technique(PDF) 3 Page - SamHop Microelectronics Corp.

No de pièce STUD10N20
Description  Super high dense cell design for low RDS(ON).
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD10N20 Fiches technique(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD10N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD10N20 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STU10N20
STD10N20
Ver 1.0
www.samhop.com.tw
Aug,14,2014
3
Tj( °
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
with Temperature
15
9
6
0
0
2
4
6
8
10
12
VGS=10V
8.0
6.4
4.8
3.2
1.6
0
0
1
6
5
4
3
2
Tj=125 C
-55 C
25 C
900
750
600
450
300
150
2.5
2.2
1.9
1.6
1.3
1.0
0
100
75
25
50
125
150
V GS =10V
ID=4A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
125 150
100
75
50
25
0
-25
-50
ID=10mA
3
V GS =10V
0.1
3
6
912
15
0
12
V GS =4.5V
V GS =4.5V
ID=3.9A
VGS=4V
0
VGS=3.5V
VGS=4.5V


Numéro de pièce similaire - STUD10N20

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STUD10N25 SAMHOP-STUD10N25 Datasheet
134Kb / 10P
   Super high dense cell design for low RDS(ON).
More results

Description similaire - STUD10N20

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com