Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC25D1UVT-13 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce DMC25D1UVT-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC25D1UVT-13 Fiches technique(HTML) 4 Page - Diodes Incorporated

  DMC25D1UVT-13 Datasheet HTML 1Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 2Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 3Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 4Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 5Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 6Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 7Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 8Page - Diodes Incorporated DMC25D1UVT-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMC25D1UVT
Document number: DS37507 Rev. 2 - 2
4 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMC25D1UVT
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS=2.5V, ID=200mA
V
GS=4.5V, ID=400mA
0
1
2
3
4
5
1
2
3
4
5
6
7
8
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=400mA
0
0.3
0.6
0.9
1.2
1.5
0
0.3
0.6
0.9
1.2
1.5
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=4.5V
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS=4.5V, ID=400mA
V
GS=2.5V, ID=200mA
0
0.5
1
1.5
2
2.5
3
0
0.3
0.6
0.9
1.2
1.5
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current
and Temperature
V
GS= 4.5V
-55
25
85
150
125
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA


Numéro de pièce similaire - DMC25D1UVT-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC25D1UVT-13 DIODES-DMC25D1UVT-13 Datasheet
649Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2015
More results

Description similaire - DMC25D1UVT-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com