Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMTL619 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce FMMTL619
Description  50V NPN LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTL619 Fiches technique(HTML) 1 Page - Diodes Incorporated

  FMMTL619_15 Datasheet HTML 1Page - Diodes Incorporated FMMTL619_15 Datasheet HTML 2Page - Diodes Incorporated FMMTL619_15 Datasheet HTML 3Page - Diodes Incorporated FMMTL619_15 Datasheet HTML 4Page - Diodes Incorporated FMMTL619_15 Datasheet HTML 5Page - Diodes Incorporated FMMTL619_15 Datasheet HTML 6Page - Diodes Incorporated FMMTL619_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMTL619
Document number: DS33130 Rev. 3 - 2
1 of 7
www.diodes.com
April 2015
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMTL619
50V NPN LOW SATURATION TRANSISTOR IN SOT23
Features
BVCEO > 50V
IC = 1.25A Continuous Collector Current
500mW Power Dissipation
Low Saturation Voltage VCE(sat) < 330mV @ 1.25A
RCE(SAT) = 160mΩ for a Low Equivalent on-Resistance
Complementary PNP type: FMMTL720
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (Approximate)
Applications
MOSFET Gate Driving
DC-DC / DC-AC Converters
Regulator
LED Driver
Motor Control
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMTL619TA
AEC-Q101
L69
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http:// www.diodes.com/products/packages.html.
Marking Information
L69 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
SOT23


Numéro de pièce similaire - FMMTL619_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FMMTL619TA ETC2-FMMTL619TA Datasheet
84Kb / 3P
   SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMTL619 ZETEX-FMMTL619_05 Datasheet
77Kb / 3P
   SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
More results

Description similaire - FMMTL619_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
   100V NPN LOW SATURATION TRANSISTOR IN SOT23
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT23
FMMT617TC DIODES-FMMT617TC Datasheet
951Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR IN SOT23
FMMT617 DIODES-FMMT617_15 Datasheet
956Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR IN SOT23
FMMT624 DIODES-FMMT624_15 Datasheet
215Kb / 7P
   125V NPN LOW SATURATION TRANSISTOR IN SOT23
DSS4160T DIODES-DSS4160T_15 Datasheet
198Kb / 7P
   60V NPN LOW SATURATION TRANSISTOR IN SOT23
DSS4160T DIODES-DSS4160T Datasheet
327Kb / 7P
   60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com