Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT589 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce FMMT589
Description  30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT589 Fiches technique(HTML) 6 Page - Diodes Incorporated

  FMMT589_15 Datasheet HTML 1Page - Diodes Incorporated FMMT589_15 Datasheet HTML 2Page - Diodes Incorporated FMMT589_15 Datasheet HTML 3Page - Diodes Incorporated FMMT589_15 Datasheet HTML 4Page - Diodes Incorporated FMMT589_15 Datasheet HTML 5Page - Diodes Incorporated FMMT589_15 Datasheet HTML 6Page - Diodes Incorporated FMMT589_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FMMT589
Document number: DS33103 Rev. 7 - 2
6 of 7
www.diodes.com
November 2013
© Diodes Incorporated
FMMT589
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085 0.150 0.110
a
All Dimensions in mm
Dimensions Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
X
E
Y
C
Z
J
K 1
K
L 1
H
L
M
A l l 7 °
A
C
B
D
a


Numéro de pièce similaire - FMMT589_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
   30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
More results

Description similaire - FMMT589_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
   30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
   Medium power PNP transistor in SOT23
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT23
BCW68H DIODES-BCW68H_15 Datasheet
199Kb / 5P
   45V PNP MEDIUM POWER TRANSISTOR IN SOT23
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com