Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT555 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce FMMT555
Description  SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT555 Fiches technique(HTML) 1 Page - Diodes Incorporated

  FMMT555_15 Datasheet HTML 1Page - Diodes Incorporated FMMT555_15 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 4 – AUGUST 2003
FEATURES
*
150 Volt V
CEO
*
1 Amp continuous current
COMPLEMENTARY TYPE –
FMMT455
PARTMARKING DETAIL –
555
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
I
B
-200
mA
Power Dissipation at Tamb = 25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V
(BR)CBO
-160
V
IC=-100 A
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-150
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-0.1
-10
A
A
VCB =-140V
VCB =-140V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-0.1
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.3
V
IC=-100mA, IB=-10mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1
V
IC=-100mA, IB=-10mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1
V
IC=-100mA, VCE =-10V*
Static Forward Current
Transfer Ratio
hFE
50
50
300
IC=-10mA, VCE =-10V*
IC=-300mA, VCE =-10V*
Transition Frequency
fT
100
MHz
IC=-50mA, VCE =-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB =-10V, f=1MHz
* Measured under pulsed conditions. Pulse width=300 s. Duty cycle 2%
Spice parameter data is available upon request for this device
FMMT555
C
B
E
SOT23
3 - 131
3 - 132
FMMT555
TYPICAL CHARACTERISTICS
VCE(sat) vIC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE vIC
VBE(sat) vIC
IC - Collector Current (Amps)
VBE(on) vIC
Single Pulse Test at Tamb=25°C
20
40
60
80
100
0
-1
-0.2
-0.4
-0.6
-0.8
Switching Speeds
IC - Collector Current (Amps)
-0.0001
-0.001
-0.01
-0.1
IC/IB=10
VCE=-10V
-0.0001
-0.001
1
-0.01
-0.1
3
2
1
4
5
-0.1
-1
0
IB1=IB2=IC/10
-0.01
ZTX554/55-2
ts
tf
td
tr
ts
µs
tr
ns
300
200
100
400
500
0
tf
ns
600
400
200
800
1000
0
td
ns
100
50
0
-0.6
-0.0001
-0.001
-1
-0.01
-0.1
-0.8
-1.0
-1.2
-1.4
-0.6
-1
-0.0001
-0.001
-0.01
-0.1
IC/IB=10
-1.0
-1.2
-1.4
-0.8
0
VCE=-10V
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10V
100V
1s
DC
100ms
10ms
100
s
1ms
1V
0.01
0.001
0.1V
10
1000V


Numéro de pièce similaire - FMMT555_15

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FMMT5550 ZETEX-FMMT5550 Datasheet
30Kb / 1P
   SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
FMMT5550-1FZ ZETEX-FMMT5550-1FZ Datasheet
30Kb / 1P
   SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
FMMT5551 ZETEX-FMMT5551 Datasheet
30Kb / 1P
   SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
FMMT5551-ZG1 ZETEX-FMMT5551-ZG1 Datasheet
30Kb / 1P
   SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
logo
Diodes Incorporated
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Description similaire - FMMT555_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
   SOT23 PNP silicon planar medium power transistor
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMT555 ZETEX-FMMT555_03 Datasheet
63Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT591A DIODES-FMMT591A Datasheet
155Kb / 4P
   SOT23 PNP silicon planar medium power transistor
FMMT551 DIODES-FMMT551_15 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMTL718 DIODES-FMMTL718 Datasheet
75Kb / 3P
   SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com