Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC3116E Fiches technique(PDF) 2 Page - SamHop Microelectronics Corp.

No de pièce STC3116E
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STC3116E Fiches technique(HTML) 2 Page - SamHop Microelectronics Corp.

  STC3116E Datasheet HTML 1Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 2Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 3Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 4Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 5Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 6Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STC3116E
www.samhop.com.tw
Jun,14,2012
2
VGS=±12V,VDS=0V
VGS=0V,IS= 1.0A
0.82
30
1
±10
0.5
6.5
396
56
33
46
77
413
48
3.8
0.6
1.3
VDS=15V,VGS=0V
VDD=15V
ID=1A
VGS=10V
RGEN=6ohm
VDS=5V , ID=1.0A
VDS=24V , VGS=0V
VGS=0V,ID=250uA
0.9
1.5
Symbol
Min
Typ
Max
Units
BVDSS
V
IGSS
uA
VGS(th)
V
gFS
S
VSD
CISS
pF
COSS
pF
CRSS
pF
Qg
nC
nC
Qgs
nC
Qgd
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
Gate-Drain Charge
SWITCHING CHARACTERISTICS
Gate-Source Charge
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=15V,ID=1.0A,VGS=10V
Fall Time
Turn-On Delay Time
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
ON CHARACTERISTICS
c
c
VDS=15V,ID=1.0A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
1.2
V
Notes
_
_
_
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
f=1.0MHz
VDS=VGS ,ID=250uA
Ver 1.0
103
VGS=2.5V , ID=0.8A
139
m ohm
75
VGS=10V , ID=1.0A
94
m ohm
82
VGS=4.5V , ID=0.9A
107
m ohm
RDS(ON)
Drain-Source On-State Resistance


Numéro de pièce similaire - STC3116E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115AIJT STMICROELECTRONICS-STC3115AIJT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115AIQT STMICROELECTRONICS-STC3115AIQT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115IJT STMICROELECTRONICS-STC3115IJT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115IQT STMICROELECTRONICS-STC3115IQT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
More results

Description similaire - STC3116E

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com