Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56WT1 Fiches technique(PDF) 2 Page - Leshan Radio Company

No de pièce BAW56WT1
Description  Dual Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BAW56WT1 Fiches technique(HTML) 2 Page - Leshan Radio Company

  BAW56WT1 Datasheet HTML 1Page - Leshan Radio Company BAW56WT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BAW56WT1–2/2
BAW56WT1
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820
100
µH
0.1
µF
D.U.T.
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUT SIGNAL
I
F
V
R
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
0
10
2030
4050
10
1.0
0.1
0.01
0.001
02
4
6
8
1.75
1.5
1.25
1.0
0.75
V
F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V
R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V
R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance


Numéro de pièce similaire - BAW56WT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BAW56WT1 MOTOROLA-BAW56WT1 Datasheet
94Kb / 6P
   Dual Switching Diode
logo
ON Semiconductor
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
133Kb / 4P
   Dual Switching Diode, Common Anode
November, 2011 ??Rev. 7
More results

Description similaire - BAW56WT1

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
   Dual Switching Diodes
logo
First Silicon Co., Ltd
FDS70U FS-FDS70U Datasheet
244Kb / 4P
   Dual Switching Diodes
logo
RFE international
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
   Dual Switching Diodes
27-01-2022
BAV99 RFE-BAV99 Datasheet
832Kb / 3P
   Dual Switching Diodes
08-MAY-2023
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
   Dual Switching Diodes
logo
Yea Shin Technology Co....
BAW56W YEASHIN-BAW56W Datasheet
685Kb / 3P
   Dual Switching Diodes
BAV70W YEASHIN-BAV70W Datasheet
661Kb / 3P
   Dual Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
MMBD2835 SEMTECH_ELEC-MMBD2835 Datasheet
145Kb / 2P
   Dual Switching Diodes
logo
RFE international
BAW56 RFE-BAW56 Datasheet
1Mb / 3P
   Dual Switching Diodes
27-01-2022
logo
Leshan Radio Company
LBAW56WT1G LRC-LBAW56WT1G_15 Datasheet
181Kb / 3P
   Dual Switching Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com