Moteur de recherche de fiches techniques de composants électroniques |
|
AZSR235-2AE-12D Fiches technique(PDF) 2 Page - ZETTLER Electronics |
|
AZSR235-2AE-12D Fiches technique(HTML) 2 Page - ZETTLER Electronics |
2 / 2 page - A ZETTLER Company ZETTLER electronics GmbH Junkersstr. 3, D-82178 Puchheim, Germany phone: +49 89 800 97-0 fax: +49 89 800 97-200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com This product specification to be used only together with the application notes which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf GROUP GROUP 2015-03-31 AZSR235/250 COIL SPECIFICATIONS - SPST (1 FORM A) ORDER NUMBER Nominal Coil VDC Must Operate VDC Min. Holding VDC Max. Continuous VDC Coil Resistance Ohm ± 10% AZSR235-1A (35 A) AZSR250-1A (50 A) 5 3.75 1.7 10.0 50 AZSR235-1AE-5D AZSR250-1AE-5D 9 6.75 3.1 18.0 170 AZSR235-1AE-9D AZSR250-1AE-9D 12 9.00 4.0 24.0 300 AZSR235-1AE-12D AZSR250-1AE-12D 18 13.50 6.5 36.0 675 AZSR235-1AE-18D AZSR250-1AE-18D 24 18.00 8.0 48.0 1200 AZSR235-1AE-24D AZSR250-1AE-24D COIL SPECIFICATIONS - DPST (2 FORM A) ORDER NUMBER Nominal Coil VDC Must Operate VDC Min. Holding VDC Max. Continuous VDC Coil Resistance Ohm ± 10% AZSR235-2A (35 A) AZSR250-2A (50 A) 5 3.75 2.1 10.0 50 AZSR235-2AE-5D AZSR250-2AE-5D 9 6.75 3.8 18.0 170 AZSR235-2AE-9D AZSR250-2AE-9D 12 9.00 5.0 24.0 300 AZSR235-2AE-12D AZSR250-2AE-12D 18 13.50 7.5 36.0 675 AZSR235-2AE-18D AZSR250-2AE-18D 24 18.00 10.0 48.0 1200 AZSR235-2AE-24D AZSR250-2AE-24D RELAY ORDERING DATA PC BOARD LAYOUT WIRING DIAGRAM 5 1 2 3 4 6 Viewed toward terminals Viewed toward terminals 10.0 7.0 x 2.5 (4x) 14.7 3.5 22.8 3.3 x 1.3 (2x) Viewed toward terminals 6,5 x 2 (4x) 2,8 x 0,8 (2x) 10.0 3.5 22.8 14.7 8.2 49.2 25.0 40.0 2.0 4.5 *not used on 1 Form A version * * * * *not used on 1 Form A version *not used on 1 Form A version * * * MECHANICAL DATA Dimensions in mm. Tolerance: ± .25 mm |
Numéro de pièce similaire - AZSR235-2AE-12D |
|
Description similaire - AZSR235-2AE-12D |