Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZT5551 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce DZT5551
Description  160V NPN VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT5551 Fiches technique(HTML) 6 Page - Diodes Incorporated

  DZT5551_15 Datasheet HTML 1Page - Diodes Incorporated DZT5551_15 Datasheet HTML 2Page - Diodes Incorporated DZT5551_15 Datasheet HTML 3Page - Diodes Incorporated DZT5551_15 Datasheet HTML 4Page - Diodes Incorporated DZT5551_15 Datasheet HTML 5Page - Diodes Incorporated DZT5551_15 Datasheet HTML 6Page - Diodes Incorporated DZT5551_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DZT5551
Document number: DS31219 Rev. 3 - 2
6 of 7
www.diodes.com
November 2012
© Diodes Incorporated
DZT5551
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
4.60
e1
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions
Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1


Numéro de pièce similaire - DZT5551_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DZT5551-13 DIODES-DZT5551-13 Datasheet
177Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results

Description similaire - DZT5551_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
   160V, SOT223, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
   160V, SOT223, NPN high voltage transistor
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
   160V NPN TRANSISTOR IN SOT89
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com