Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1705A Fiches technique(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1705A
Description  SAW Filter 454 MHz 32MHz BW SMD 3.8X3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1705A Fiches technique(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1705A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
2. TAPE DIMENSION
H. RECOMMENDED REFLOW PROFILE :


Numéro de pièce similaire - TA1705A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1705A GOLLEDGE-TA1705A Datasheet
285Kb / 6P
   SAW Filter 454.0MHz
More results

Description similaire - TA1705A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1677A TAI-SAW-TA1677A Datasheet
387Kb / 7P
   SAW Filter 462 MHz 20MHz BW SMD 3.8x3.8mm
TA0259A TAI-SAW-TA0259A Datasheet
466Kb / 5P
   SAW Filter 1220 MHz SMD 3.8X3.8mm
logo
List of Unclassifed Man...
TA0194A ETC1-TA0194A Datasheet
273Kb / 5P
   SAW Filter 1220 MHz SMD 3.8X3.8mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA2678A TAI-SAW-TA2678A Datasheet
414Kb / 6P
   SAW Filter 558MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2684A TAI-SAW-TA2684A Datasheet
400Kb / 6P
   SAW Filter 718MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2424A TAI-SAW-TA2424A Datasheet
428Kb / 7P
   SAW Filter 622MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA2425A TAI-SAW-TA2425A Datasheet
424Kb / 7P
   SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA0348A TAI-SAW-TA0348A Datasheet
561Kb / 6P
   IF SAW Filter 869.2625MHz(BW=1.25MHz) SMD 3.8x3.8mm
TA2421A TAI-SAW-TA2421A Datasheet
404Kb / 7P
   SAW Filter 558MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2426A TAI-SAW-TA2426A Datasheet
401Kb / 7P
   SAW Filter 686MHz SMD 3.0횞3.0 mm (BW=32MHz)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com