Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF48212QC25 Fiches technique(PDF) 8 Page - LOGIC Devices Incorporated

No de pièce LF48212QC25
Description  12 x 12-bit Alpha Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48212QC25 Fiches technique(HTML) 8 Page - LOGIC Devices Incorporated

  LF48212QC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DEVICES INCORPORATED
LF48212
12 x 12-bit Alpha Mixer
8
Video Imaging Products
08/16/2000–LDS.48212-F
Plastic J-Lead Chip Carrier
(J2)
LF48212JC25
LF48212JC20
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
25 ns
20 ns
68-pin
1
2
3
4
5
6
7
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
68 67 66 65 64 63
36
35
37 38 39
41
30
29
31 32 33 34
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
40
Top
View
8
962 61
28
27
42 43
DINB11
DINB10
DINB9
DINB8
DINB7
DINB6
GND
DINB5
NC
DINB4
DINB3
DINB2
DINB1
DINB0
RND1
RND0
DEL
OE
DOUT12
DOUT11
DOUT10
DOUT9
GND
DOUT8
DOUT7
NC
DOUT6
DOUT5
VCC
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0


Numéro de pièce similaire - LF48212QC25

FabricantNo de pièceFiches techniqueDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
   48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
   48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
   48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
   48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
More results

Description similaire - LF48212QC25

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
logo
Texas Instruments
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
[Old version datasheet]   12-Bit, 80-MSPS ADC and Passive CW Mixer
logo
Motorola, Inc
MCM62973A MOTOROLA-MCM62973A Datasheet
413Kb / 5P
   4K x 12 Bit Synchronous Static RAM
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com