Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF3320QC12 Fiches technique(PDF) 8 Page - LOGIC Devices Incorporated

No de pièce LF3320QC12
Description  Horizontal Digital Image Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320QC12 Fiches technique(HTML) 8 Page - LOGIC Devices Incorporated

Back Button LF3320QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 12Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DEVICES INCORPORATED
LF3320
Horizontal Digital Image Filter
2-8
08/16/2000–LDS.3320-N
Video Imaging Products
28 clock cycles from the first data
input, DIN15-0; device latency for the
first result is 11 clock cycles
(11+17 = 28). The result will appear at
the corresponding filter output,
DOUT15-0. Subsequently, for both dual
and single filter mode configurations,
the sum of products will continue to
appear every clock cycle thereafter
until the matrix dimension has been
realized. The total pipeline latency for
a complete [8x8][8x1] matrix-vector
operation is 26 clock cycles and the
total pipeline latency for a complete
[16x16][16x1] matrix-vector operation
is 43 clock cycles. Therefore, to process
two square matrices simultaneoulsy, of
size N=8, a total of 73 clock cycles are
all that is required. Similarly, to
process a single square matrix, of size
N=16, a total of 283 clock cycles are
required.
Once again, the timing diagrams (see
Figure 8 and 9) will assume that the
ConfigurationRegisters,thecoefficient
sets, and the data values have been
loaded. The corresponding timing
diagram loading sequence for the
coefficient banks and
Configuration/Control registers are
included in the LF3320 data sheets
(Figure 11 and Figure 12 respectively).
Further reference to timing diagram
loading sequence for the RSL registers
are also included in the device data
sheet (Figure 15, Figure 14, and Figure
13). The Filter A and Filter B
LF InterfaceTM are used to load data
into the Filter A and Filter B Configura-
tion Registers and coefficient banks.
The Matrix Multiplication Mode is
valid in the Double Wide
Data/Coefficient Mode. However,
there are some special considerations
when this mode is desired. The
LF3320 must be configured for single
filter mode only, for a maximum (8x8)
matrix. The user must disable the
cascaded filter mode, the accumulator
access mode, and the data reversal
(see Table 7).
Double Wide Data/Coefficient Mode
FIGURE 9. SINGLE FILTER, MATRIX MULTIPLY TIMING SEQUENCE
DIN11-0
I/D
REGISTERS
FILTER
A
FILTER
B
DOUT15-0
I/D
REGISTERS
R.S.L.
CIRCUIT
12
16
SCALE
RIN11-0
12
FIGURE 10. DOUBLE WIDE DATA/COEFFICIENT MODE
CLK
DIN11-0
CAB7-0
CENA / CENB
1
2
DATA SET 0
RIN11-0
CF00
CAA7-0
3
CF01
CF02
CF0A
SHENA / SHENB
*
11 Clocks - First Output of First Data/Coefficient Set
**
16 Clocks - End of First Data/Coefficient Set
***
26 Clocks - Final Output of First Data/Coefficient Set
1 Data Set with 16 Coefficient Sets
CF0B
CF0C
CF0D
DATA SET 0
DOUT15-0
OUT0
OUT1
11*
12
13
14
CF0E
16**
OUT15
26***
OUT2
OUT3
OUT4
OUT5
CF0F
OUT6
CF10
15
17
TXFRA/ TXFRB


Numéro de pièce similaire - LF3320QC12

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results

Description similaire - LF3320QC12

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com