Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3612 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce 1N3612
Description  GLASS PASSIVATED SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N3612 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  1N3612 Datasheet HTML 1Page - Central Semiconductor Corp 1N3612 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N3611
1N3613
1N3612
1N3614
1N3957
GLASS PASSIVATED
SILICON RECTIFIERS
1.0 AMP, 200 THRU 1000 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N3611 thru
1N3614, and 1N3957 are hermetically sealed, glass
passivated, general purpose silicon rectifiers ideal for
commercial, military, automotive and entertainment
applications requiring high reliability and failure free
performance.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL 1N3611 1N3612 1N3613 1N3614 1N3957 UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
V
Average Forward Current (TA=100°C)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
40
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=150°C
200
μA
VF
IF=1.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
25
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A
2.0
μs
MARKING: FULL PART NUMBER
GPR-1A CASE
R1 (28-February 2013)
www.centr a lsemi.com


Numéro de pièce similaire - 1N3612

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3612 MICROSEMI-1N3612 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N3612 MICROSEMI-1N3612 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
Semtech Corporation
1N3612 SEMTECH-1N3612 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Sensitron
1N3612 SENSITRON-1N3612 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
EIC discrete Semiconduc...
1N3612 EIC-1N3612 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results

Description similaire - 1N3612

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
JD100005 HY-JD100005_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
JD10001 HY-JD10001_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
logo
Central Semiconductor C...
1N4942 CENTRAL-1N4942 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5550 CENTRAL-1N5550 Datasheet
296Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5614 CENTRAL-1N5614 Datasheet
410Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5615 CENTRAL-1N5615 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RL1601 SEMTECH_ELEC-RL1601 Datasheet
260Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
RL201G SEMTECH_ELEC-RL201G Datasheet
240Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Central Semiconductor C...
1N5624 CENTRAL-1N5624 Datasheet
295Kb / 2P
   silicon glass passivated rectifiers
CPR1-010 CENTRAL-CPR1-010 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com