Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846AS Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BC846AS
Description  DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846AS Fiches technique(HTML) 1 Page - Diodes Incorporated

  BC846AS_15 Datasheet HTML 1Page - Diodes Incorporated BC846AS_15 Datasheet HTML 2Page - Diodes Incorporated BC846AS_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30833 Rev. 7 - 2
1 of 3
www.diodes.com
BC846AS
© Diodes Incorporated
BC846AS
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Features
Ideally Suited for Automatic Insertion
For Switching and AF Amplifier Applications
Complementary PNP Type Available (BC856AS)
Lead Free/RoHS Compliant (Note 1)
"Green" Device (Note 4 and 5)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Terminal Connections: See Diagram
Marking Information: See Page 3
Ordering & Date Code Information: See Page 3
Weight: 0.006 grams (approximate)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
All Dimensions in mm
C
1
65
4
3
2
1
B
2
E
2
E
1
B
1
C
2
A
M
J
L
D
B C
H
K
F
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
65
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation
(Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient
(Note 2)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 3) V(BR)CBO
80
V
IC = 10μA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 3) V(BR)CEO
65
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 3) V(BR)EBO
6
V
IE = 1μA, IC = 0
DC Current Gain
(Note 3)
hFE
110
220
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 3)
VCE(SAT)
90
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 3)
VBE(SAT)
700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
(Note 3)
VBE(ON)
580
660
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Cutoff Current
(Note 3)
ICES
ICBO
ICBO
15
15
5.0
nA
nA
µA
VCE = 80V
VCB = 40V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCB
2.0
pF
VCB = 10V, f = 1.0MHz
Notes:
1. No purposefully added lead.
2. Device mounted on FR-4 PCB, pad layout as shown on page 3 or on Diodes Inc. suggested pad layout document AP02001, which can be found on
our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short duration pulse test used to minimize self-heating effect.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Numéro de pièce similaire - BC846AS_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC846AS DIODES-BC846AS_17 Datasheet
638Kb / 7P
   65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Description similaire - BC846AS_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904VC DIODES-MMDT3904VC Datasheet
178Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30636 Rev. 3 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
   NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com