Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148WS Fiches technique(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

No de pièce 1N4148WS
Description  Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DACHANG [Rugao Dachang Electronics Co., Ltd]
Site Internet  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N4148WS Fiches technique(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  1N4148WS_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N4148WS_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4148WS
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
0.6
0.8
1
1.2
1.4
1.6
1
10
20
100
200
1000
Tj = 25 °C
大昌电子
DACHANG ELECTRONICS
0
255075
100 125 150 175
0.36
0.30
0.24
0.18
0.12
0.06
0
环境温度 Ta(
°C)
FORWARD CURRENT DERATING CURVE
Tamb, ambient temperature (°C)
正向电流降额曲线


Numéro de pièce similaire - 1N4148WS_15

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
logo
Diodes Incorporated
1N4148WS DIODES-1N4148WS_15 Datasheet
135Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1N4148WS BILIN-1N4148WS_15 Datasheet
151Kb / 3P
   Silicon Epitaxial Planar Diode
More results

Description similaire - 1N4148WS_15

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com