Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS34063CDC3 Fiches technique(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS34063CDC3
Description  Dc to Dc Converter Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063CDC3 Fiches technique(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34063CDC3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS34063
Dc to Dc Converter Controller
6/10
Version: B13
Typical Application Circuit (Continue)
Test
Conditions
Results
Line Regulation
VIN= 4.5V~6V, Io= 100mA
3mV =
±120.012%
Load Regulation
VIN = 5V, Io= 10mA to 100mA
0.022V =
±0.09%
Output Ripple
VIN =5V, Io= 100mA
500mVpp
Short Circuit Current
VIN =5V, RL= 0.1Ω
910mA
Efficiency
VIN =5V, Io= 100mA
62.2%
Output Ripple with Optional Filter
VIN =5V, Io= 100mA
70mVpp
Figure 11. Voltage Inverting Converter


Numéro de pièce similaire - TS34063CDC3

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS34063CD TSC-TS34063CD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063CD TSC-TS34063CD Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
More results

Description similaire - TS34063CDC3

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com