Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS19378 Fiches technique(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS19378
Description  2A Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378 Fiches technique(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS19378_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TS19378
Taiwan Semiconductor
Document Number: DS_P0000199
7
Version: B15
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Numéro de pièce similaire - TS19378_15

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19378CS-RLG TSC-TS19378CS-RLG Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
More results

Description similaire - TS19378_15

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com