Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9005DCX5RF Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS9005DCX5RF
Description  600mA CMOS LDO with Enable Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005DCX5RF Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9005DCX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9005
600mA CMOS LDO
with Enable Function
2/5
Version: C07
Electrical Characteristics (Ta = 25
oC, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage
VIN
(Note 1)
2.5
--
5.5
V
Output Voltage Accuracy
∆VOUT
IOUT =1mA
-2
--
+2
%
Dropout Voltage
VDROP
IO =600mA
VO =VO(NOM) -2%
1.5V ≤ VOUT ≤ 2V
--
1000
1200
mV
2.8V ≤ VOUT ≤ 5V
--
350
500
Current Limit
ILIMIT
RLOAD=1Ω
700
--
--
mA
Short Circuit Current
ISHORT
VOUT <0.375 x VOUT
--
300
--
mA
Line Regulation
REGLINE
IOUT =1mA , VIN= VOUT +1V ~ 5V
--
0.2
0.5
%
Load Regulation
REGLOAD
IOUT =10~600mA
--
0.5
1
%
Power Supply Rejection
PSRR
CIN=1uF, COUT=1uF,
IOUT=10mA
f=120Hz.
--
65
--
dB
f=1kHz.
--
55
--
Quiescent Current
IQ
IOUT 0mA
--
50
80
uA
Shutdown Current
ISD
VIN= 2.8V~5V, VEN =0V
--
--
1
uA
Enable Pin Current
IENH
VEH =VIN
--
--
0.1
uA
IENL
VIN =3.6V, VEN =0V
1
EN Input Threshold
VENH
1.5
--
--
V
VENL
--
--
0.4
V
Over Temp. Shutdown
OTS
--
140
--
oC
Over Temp. Hysterisis
OTH
--
30
--
oC
Note1: VIN(MIN)=VOUT+VDROPOUT
Note2: The is VDROPOUT defined as VIN-VOUT, which is measured when VOUT drop about 100mV
Note3: Regulation is measured at constant junction temperature by using pulsed testing with a low ON tim


Numéro de pièce similaire - TS9005DCX5RF

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results

Description similaire - TS9005DCX5RF

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCW TSC-TS9005KCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCY TSC-TS9005SCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com