Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5213CX533RFG Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS5213CX533RFG
Description  80mA Low Noise LDO Voltage Regulator with Enable Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213CX533RFG Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5213CX533RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS5213
Taiwan Semiconductor
Document Number: DS_P0000201
1
Version: G15
80mA Low Noise LDO Voltage Regulator
with Enable Function
GENERAL DESCRIPTION
TS5213 is an efficient linear voltage regulator with ultra-
low noise output, very low dropout voltage (typically
50mV at light loads and 320mV at 80mA), and very low
ground current (225μA at 20mA), providing high output
current even when the application requires very low
dropout voltage. The Chip Enable (EN) includes a
CMOS or TTL compatible input allows the output to be
turned off to prolong battery life. When shutdown,
power consumption drops nearly to zero. TS5213 is
included a precision voltage reference, error correction
circuit, a current limited output driver, over temperature
shutdown and revered battery protection.
FEATURES
Ultra Low Noise Output
Output Current up to 80mA
Low Power Consumption
“Zero” Off-mode Consumption
Logic Controlled Electronic Enable
Current Limit & Thermal Shutdown Protection
APPLICATION
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
SOT-25
Pin Definition:
1.
Input
2.
Ground
3.
Enable
4.
N/C
5.
Output
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATION CIRCUIT
EN may be connected to VIN pin to regulation ON
CIN > 0.1μF in basic operating
COUT >0.47μF in low noise operating


Numéro de pièce similaire - TS5213CX533RFG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5213CX5 TSC-TS5213CX5 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CX5RF TSC-TS5213CX5RF Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
More results

Description similaire - TS5213CX533RFG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com