Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3809CXERFG Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS3809CXERFG
Description  Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3809CXERFG Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS3809CXERFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3809CXERFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS3809/3810 Series
Taiwan Semiconductor
Document Number: DS_P0000206
2
Version: E15
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Terminal Voltage (with respect to GND)
VCC
GND - 0.3 to GND +6.5
V
RESET & (RESET) push-pull
VRESET
GND - 0.3 to VCC +0.3
V
Input Current, VCC
ICC
20
mA
Output Current, RESET, (RESET)
IO
5
mA
Power Dissipation
PD
(TJ-TA)/RθJA
mW
Operating Junction Temperature Range
TJ.OPR
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TLEAD
10
s
THERMAL PERFORMANCE
PARAMETER
SYMBOL
MAXIMUM
UNIT
Thermal Resistance from Junction to Case
RθJC
110
ºC/W
Thermal Resistance from Junction to Ambient
(Note 1)
RθJA
250
ºC/W
ELECTRICAL CHARACTERISTICS (V
CC = 5V, TA = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Input Supply Voltage
TA=-40
oC~+85oC
VCC
1.0
--
6
V
Supply Current
VCC=VTH + 1V
ICC
--
25
35
µ
A
Reset Threshold
TS3809/3810CXA
VTH
4.54
4.63
4.71
V
TS3809/3810CXB
4.29
4.38
4.46
TS3809/3810CXC
3.92
4.00
4.08
TS3809/3810CXD
3.02
3.08
3.15
TS3809/3810CXE
2.87
2.93
3.00
TS3809/3810CXF
2.57
2.63
2.69
TS3809/3810CXG
2.20
2.25
2.30
Reset Threshold
Temperature Coefficient
TA=0~+85ºC
VTHT
--
50
--
ppm/
oC
Set-up Time
VCC = 0 ~ (VTH - 100mV)
TSET
1
--
--
µs
VCC to Reset Delay
VCC = VTH ~ (VTH - 100mV)
TRD
--
20
--
µs
Reset Active Timeout
Period
TA=0~+85ºC
TDELAY
140
200
260
ms
RESET Output (TS3809)
Voltage Low
1.8V<VCC<VTH(MAX),
ISINK =1.2mA
VOL
--
--
0.3
V
1.2V<VCC<1.8V,
ISINK =50µA
RESET Output (TS3809)
Voltage High
VCC > VTH(MAX),
ISOURCE =500µA
VOH
0.8 VCC
--
--
V
(RESET) Output (TS3810)
Voltage Low
VCC > VTH(MAX), ISINK =1.2mA
VOL
--
--
0.3
V


Numéro de pièce similaire - TS3809CXERFG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS3809CXE TSC-TS3809CXE Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
More results

Description similaire - TS3809CXERFG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com