Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103AWSQ-7-F Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce SD103AWSQ-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103AWSQ-7-F Fiches technique(HTML) 2 Page - Diodes Incorporated

  SD103AWSQ-7-F Datasheet HTML 1Page - Diodes Incorporated SD103AWSQ-7-F Datasheet HTML 2Page - Diodes Incorporated SD103AWSQ-7-F Datasheet HTML 3Page - Diodes Incorporated SD103AWSQ-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD103AWS - SD103CWS
Document number: DS30101 Rev. 18 - 2
2 of 4
www.diodes.com
August 2014
© Diodes Incorporated
SD103AWS - SD103CWS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 6)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
IFSM
1.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 7)
SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
V
IR = 100µA
IR = 100µA
IR = 100µA
Forward Voltage Drop
VF
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 7)
SD103AWS
SD103BWS
SD103CWS
IR
5.0
µA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
28
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
10
ns
IF = IR = 200mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
6. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
7. Short duration test pulse used to minimize self-heating effect.
0.01
0.1
1
0.001
0.0001
0
800
600
400
200
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = 25 C
A
°
T= 75 C
A
°
T = 125 C
A
°
T = 0 C
A
°
T = -40 C
A
°
0.01
0.1
1
10
100
1,000
0
5
10
15
35
30
25
20
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
40


Numéro de pièce similaire - SD103AWSQ-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD103AWSQ-7-F DIODES-SD103AWSQ-7-F Datasheet
278Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SD103AWSQ-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com