Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT42WS-7-F Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BAT42WS-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT42WS-7-F Fiches technique(HTML) 3 Page - Diodes Incorporated

  BAT42WS-7-F Datasheet HTML 1Page - Diodes Incorporated BAT42WS-7-F Datasheet HTML 2Page - Diodes Incorporated BAT42WS-7-F Datasheet HTML 3Page - Diodes Incorporated BAT42WS-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT42WS / BAT43WS
Document number: DS30100 Rev. 14 - 2
3 of 4
www.diodes.com
June 2012
© Diodes Incorporated
BAT42WS / BAT43WS
0.1
1.0
10
100
0200
400
600
800
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = -25ºC
A
T = 25ºC
A
T = 125ºC
A
T = 75ºC
A
10
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
100
10
1.0
0.1
0.01
1,000
1.0
10
100
015
10
25
30
35
20
40
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
5.0
T = 25 C
J
°
f = 1MHz
0
0
20
40
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Forward Current Derating Curve
A
°
60
80
100
T = 125 C
J
°
Package Outline Dimensions
SOD323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
All Dimensions in mm
K
L
M
J
C
H
B
A


Numéro de pièce similaire - BAT42WS-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAT42WS-7-F DIODES-BAT42WS-7-F Datasheet
352Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 11 - 2
BAT42WS-7-F DIODES-BAT42WS-7-F Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 13 - 2
More results

Description similaire - BAT42WS-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com