Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1230C16K1P Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce ST1230C16K1P
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1230C16K1P Fiches technique(HTML) 2 Page - Vishay Siliconix

  ST1230C16K1P Datasheet HTML 1Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 2Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 3Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 4Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 5Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 6Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 7Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 8Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-ST1230C..K Series
www.vishay.com
Vishay Semiconductors
Revision: 16-Dec-13
2
Document Number: 94395
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
double side (single side) cooled
1745 (700)
A
55 (85)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
3200
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
33 500
t = 8.3 ms
35 100
t = 10 ms
100 % VRRM
reapplied
28 200
t = 8.3 ms
29 500
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
5615
kA2s
t = 8.3 ms
5126
t = 10 ms
100 % VRRM
reapplied
3971
t = 8.3 ms
3625
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
56 150
kA2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ = TJ maximum
0.93
V
High level value of threshold voltage
VT(TO)2
(I >
π x IT(AV)), TJ = TJ maximum
1.02
Low level value of on-state slope resistance
rt1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ = TJ maximum
0.17
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x IT(AV)), TJ = TJ maximum
0.16
Maximum on-state voltage
VTM
Ipk = 4000 A, TJ = TJ maximum, tp = 10 ms sine pulse
1.62
V
Maximum holding current
IH
TJ = 25 °C, anode supply 12 V resistive load
600
mA
Typical latching current
IL
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
Gate drive 20 V, 20
Ω, tr ≤ 1 μs
TJ = TJ maximum, anode voltage
≤ 80 % VDRM
1000
A/μs
Typical delay time
td
Gate current 1 A, dIg/dt = 1 A/μs
Vd = 0.67 % VDRM, TJ = 25 °C
1.9
μs
Typical turn-off time
tq
ITM = 550 A, TJ = TJ maximum, dI/dt = 40 A/μs,
VR = 50 V, dV/dt = 20 V/μs, gate 0 V 100
Ω, tp = 500 μs
200
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNIT
S
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum linear to 80 % rated VDRM
500
V/μs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
100
mA


Numéro de pièce similaire - ST1230C16K1P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST1230C16K1P VISHAY-ST1230C16K1P Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
More results

Description similaire - ST1230C16K1P

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com